Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download TPSY1080020100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2014 51 tps series low esr how to order technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.15 f to 1500 f capacitance tolerance: 10%; 20% rated voltage (v r ) +85c: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85c: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125c: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55c to +125c environmental classification: 55/125/56 (iec 68-2) reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level termination finished: sn plating (standard), gold and snpb plating upon request for aec-q200 availability, please contact avx technical specifications case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h+0.20 (0.008) w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) a 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) b 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) c 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) d 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) f 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) p 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) max. 1.00 0.10 0.50 (0.020) 0.85 (0.033) (0.039 0.004) r 0805 2012-12 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) max. 1.00 0.10 0.50 (0.020) 0.85 (0.033) (0.039 0.004) s 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) max. 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) max. 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) v 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.55 (0.140) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) w 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) x 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w1 dimension applies to the termination width for a dimensional area only. for part marking see page 169 107 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance k = 10% m = 20% 010 rated dc voltage 002 = 2.5vdc 004 = 4vdc 006 = 6.3vdc 010 = 10vdc 016 = 16vdc 020 = 20vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc r packaging r = pure tin 7" reel s = pure tin 13" reel a = gold plating 7" reel b = gold plating 13" reel h = tin lead 7" reel (contact manufacturer) k = tin lead 13" reel (contact manufacturer) h, k = non rohs 0100 esr in m ? low esr series of robust mn0 2 solid electrolyte capacitors ? cv range: 0.15-1500f / 2.5-50v ? 14 case sizes available ? power supply applications tps type c case size see table above additional characters may be added for special requirements v = dry pack option (selected codes only) lead-free compatible component snpb termination option is not rohs compliant.
52 january 2014 tps series low esr not recommended for new designs, higher voltage or smaller case size substitution are offered. released codes (m tolerance only) engineering samples - please contact manufacturer *codes under development - subject to change esr limits quoted in brackets (milliohms) note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same reliability standards. capacitance rated voltage dc (v r ) to 85c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 0.15 154 a(9000) 0.22 224 a(6000) a(7000) 0.33 334 a(6000) a(7000) 0.47 474 a(7000) a(6000) a(6500), b(6000) b(4000) c(2300) 0.68 684 a(6000) a(6000) b(4000) 1.0 105 r(9000) a(6200) a(3000), r(6000) a(4000) a(3000) b(3000) s(6000), t(2000) r(2500,4000) b(2000) c(2500) 1.5 155 a(3000) a(3000) a(3000) c(1500,2000) b(1800) b(2500) 2.2 225 r(7000) a(1800) a(1800,3500) a(3000), b(1700) a(2500) a(1500), b(750, c(1500) t(2000) b(900,1200,2500) 1500,2 000), c(1000) d( 1200) 3.3 335 a(2100) t(1500) a(3500), b(2500) a(2500) a(1000,1500) b(1000) c(1000) b(1300) b(750,1500,2000) c(700) d(800) 4.7 475 s(4000) a(1400), b(1400) a(2000) a(1800) b(700,900,1500) b(700,1500) c(800) r(3000,5000) b(800,1500) b(750,1000) c(700) c(600), d(700) d(300,500,700) a(1000) 6.8 685 a(1800) a(1800), b(1300) a(1500) b(600,1000) b(700) c(350) d(200, 300, t(1800) b(600,1200) c(700) c(500,600,700) d(150,400,500) 500,600) a(1500), b(1500) a(900,1800), b(1000) a(1000), b(500,800) b(500,1000) b(1800) c(600) d(500) 10 106 r(3000) r(1000,1500,3000) p(2000) (m) , s(900) c(500), t(800,1000) c(500,700) c(300,500) d(125,300) e(250,300, t(1000) t(1000,2000) w(500,600) w(250, 500) d(500) e(200), y(250) 400,500) a(1000) b(500) c(220,300) c(350,450) e(250) 15 156 a(700,1500) b(450,600), c(700) b(500,800), c(700) c(400,450) d(100,300) d(100,300) v(250) t(1200) y(250) a(500,900) a(900) b(400,600) b(400,600) d(125,200,300,400) 22 226 b(375,600) b(400,500,700) c(150,250,300,375) c(100,150,400) c(275,400) e(125,200,300) c(500), s(900) c(300), t(800) d(700), w(500) d(200,300) d(100,200,300) y(200) a(700) b(350,500) d(100,200,300) a(600) b(250,425,500,650) c(100,150,225,300) c(300) e(100,175, d(200,300) 33 336 b(250,350,450,600) c(150,375,500) d(200), w(140,175, d(100,200) 200,300) e(100,250,300) t(800) w(350) 250,400,500) y(200) v(200) y(300,400) a(800) b(250,350,500,650) c(110,350) d(75,100,200) d(125,150,250) 47 476 a(500) b(250,350,500) c(200,350) d(80,100,150,200) e(70,125,150, e(80,100,125) e(200,250) c(300), t(1200) d(100, 300) w(200) 200,250) (y250) v(150,200) w(125,150,250) x(180), y(250) x(200) b(600) c(125,200) d(70,150, b(250,350,500) c(80,100,200,300) d(70,100,150) 200,300) e(125,200) 68 686 c(150,200) d(100,150), w (100,150) f(200), x(150) e(125,150,200) v(80,95,150,200) v(150,200) w(110,125,250) y(100,200) y( 150,200,250) y(200) b(400) (m) c(200) b(200,250, b(250,400) c(75,100,150,200) d(60,100,125,150) d(85,100,150) 100 107 b(200) 350,500) c(75,150), d(300) d(50,65,80,100,125, e(55,100,125,150) e(100,150,200) e(150) (m) , v(100) w(100) w(100,150) 150), e(125) w(150) f(150,200) (m) v(60,85,100,200) y(100) x(85,150,200) y(100,150,200) y(100,150,200) b(250) c(50,90,150,200,250) c( 150), d(50,85,100), d(60,85, 100,125,150) 150 157 b(150) c(70,80) d(50,125), e(100), f(200), x( 100) (m) e(100), v(45,75) v(80) v(150) (m) y(40,50) y(100,150,200) y(200) (m) b(150, c(70,100,125,250) d(40,50,100,150) 220 227 200,600) d(40,50,100) d(50,100,125) e(50,60,70,100, e(100,150) d(45 ) y(40,50,75) e(100), f(200) 125,150) v(50,75,100,150) y(100,150) y(100,150,200) c(100) c(80,100 ) 330 337 y(40) d(35,45,100) d(45,50,70,100) d(50,65,100,150) e(200) (m) f(200) e(50,100,125,150) e(40,50,60,100) x(100) v(100), y(100,150) v(40,60,100) d(35) d(45,60,100,200) 470 477 f(200) d(45,100) e(45,50,60,100,200) e(45,50,60,100,200) y(100) e(35,45,100) v(40,55,100), y(150) v(40,60,100) d(35,50) d(45,60,100) e(45,60,100) 680 687 e(35,50) e(40,60,100) v(35,40,50) y(100) 1000 108 e(30,40) e(40,60) e(100) (m) , v(40,50) (m) y(100) (m) v(25,35,40,50) 1500 158 d(100) e(50,75) e(50) v(50,75) (m) v(30,40) (m) capacitance and rated voltage range (letter denotes case size)
january 2014 53 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc 2.5 volt @ 85oc (1.7 volt @ 125oc) tpsb107*002#0200 b 100 2.5 2.5 8 200 1 0.652 0.587 0.261 0.130 0.117 0.052 tpsb157*002#0150 b 150 2.5 3 10 150 1 0.753 0.677 0.301 0.113 0.102 0.045 tpsb227*002#0150 b 220 2.5 4.4 16 150 1 0.753 0.677 0.301 0.113 0.102 0.045 tpsb227*002#0200 b 220 2.5 4.4 16 200 1 0.652 0.587 0.261 0.130 0.117 0.052 tpsb227*002#0600 b 220 2.5 4.4 16 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsd227*002#0045 d 220 2.5 5.5 8 45 1 1.826 1.643 0.730 0.082 0.074 0.033 tpsy337*002#0040 y 330 2.5 8.2 8 40 1 1) 1.768 1.591 0.707 0.071 0.064 0.028 tpsd477*002#0035 d 470 2.5 11.6 8 35 1 2.070 1.863 0.828 0.072 0.065 0.029 tpsf477*002#0200 f 470 2.5 11.8 12 200 1 0.707 0.636 0.283 0.141 0.127 0.057 tpsy477*002#0100 y 470 2.5 11 12 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsd687*002#0035 d 680 2.5 17 16 35 1 2.070 1.863 0.828 0.072 0.065 0.029 tpsd687*002#0050 d 680 2.5 17 16 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpse687*002#0035 e 680 2.5 17 10 35 1 1) 2.171 1.954 0.868 0.076 0.068 0.030 tpse687*002#0050 e 680 2.5 17 10 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpsy687*002#0100 y 680 2.5 17 12 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpse108*002#0030 e 1000 2.5 25 14 30 1 1) 2.345 2.111 0.938 0.070 0.063 0.028 tpse108*002#0040 e 1000 2.5 25 14 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 tpsy108m 002#0100 y 1000 2.5 25 30 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsd158*002#0100 d 1500 2.5 37.5 60 100 1 1.125 1.102 0.490 0.122 0.110 0.049 tpse158*002#0050 e 1500 2.5 37.5 20 50 1 1) 1.817 1.635 0.727 0.001 0.082 0.036 tpsv158m 002#0030 v 1500 2.5 30 20 30 1 1) 2.887 2.598 1.155 0.087 0.078 0.035 tpsv158m 002#0040 v 1500 2.5 30 20 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 4 volt @ 85oc (2.7 volt @ 125oc) tpsr106*004#3000 r 10 4 0.5 6 3000 1 0.135 0.122 0.054 0.406 0.366 0.162 tpsa476*004#0500 a 47 4 1.9 8 500 1 0.387 0.349 0.155 0.194 0.174 0.077 tpsb107*004#0200 b 100 4 4 8 200 1 0.652 0.587 0.261 0.130 0.117 0.052 tpsb107*004#0250 b 100 4 4 8 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb107*004#0350 b 100 4 4 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 tpsb107*004#0500 b 100 4 4 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsw107*004#0100 w 100 4 4 6 100 1 0.949 0.854 0.379 0.095 0.085 0.038 tpsb157*004#0250 b 150 4 6 10 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsc157*004#0070 c 150 4 6 6 70 1 1.254 1.128 0.501 0.088 0.079 0.035 tpsc157*004#0080 c 150 4 6 6 80 1 1.173 1.055 0.469 0.094 0.084 0.038 tpsd227*004#0040 d 220 4 8.8 8 40 1 1.936 1.743 0.775 0.077 0.070 0.031 tpsd227*004#0050 d 220 4 8.8 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd227*004#0100 d 220 4 8.8 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsy227*004#0040 y 220 4 8.8 8 40 1 1) 1.768 1.591 0.707 0.071 0.064 0.028 tpsy227*004#0050 y 220 4 8.8 8 50 1 1) 1.581 1.423 0.632 0.095 0.085 0.038 tpsy227*004#0075 y 220 4 8.8 8 75 1 1) 1.291 1.162 0.516 0.097 0.087 0.039 tpsc337*004#0100 c 330 4 13.2 8 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsd337*004#0035 d 330 4 13.2 8 35 1 2.070 1.863 0.828 0.072 0.065 0.029 tpsd337*004#0045 d 330 4 13.2 8 45 1 1.826 1.643 0.730 0.082 0.074 0.033 tpsd337*004#0100 d 330 4 13.2 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsf337*004#0200 f 330 4 13.2 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 tpsx337*004#0100 x 330 4 13.2 8 100 1 1) 1.000 0.900 0.400 0.100 0.090 0.040 tpsd477*004#0045 d 470 4 18.8 12 45 1 1.826 1.643 0.730 0.082 0.074 0.033 tpsd477*004#0100 d 470 4 18.8 12 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpse477*004#0035 e 470 4 18.8 10 35 1 1) 2.171 1.954 0.868 0.076 0.068 0.030 tpse477*004#0045 e 470 4 18.8 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 tpse477*004#0100 e 470 4 18.8 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsd687*004#0045 d 680 4 27.2 14 45 1 1.915 1.643 0.730 0.082 0.074 0.033 tpsd687*004#0060 d 680 4 27.2 14 60 1 1.581 1.423 0.632 0.095 0.085 0.038 tpsd687*004#0100 d 680 4 27.2 14 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpse687*004#0040 e 680 4 27.2 10 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 tpse687*004#0060 e 680 4 27.2 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpse687*004#0100 e 680 4 27.2 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse108*004#0040 e 1000 4 40 14 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 tpse108*004#0060 e 1000 4 40 14 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpsv108*004#0025 v 1000 4 40 16 25 1 1) 3.162 2.846 1.265 0.079 0.071 0.032 tpsv108*004#0035 v 1000 4 40 16 35 1 1) 2.673 2.405 1.069 0.094 0.084 0.037 tpsv108*004#0040 v 1000 4 40 16 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 tpsv108*004#0050 v 1000 4 40 16 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 tpse158*004#0050 e 1500 4 60 30 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpse158*004#0075 e 1500 4 60 30 75 1 1) 1.483 1.335 0.593 0.111 0.100 0.044 tpsv158m 004#0050 v 1500 4 60 30 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 tpsv158m 004#0075 v 1500 4 60 30 75 1 1) 1.826 1.643 0.730 0.137 0.123 0.055 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
54 january 2014 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc 6.3 volt @ 85oc (4 volt @ 125oc) tpsr225*006#7000 r 2.2 6.3 0.5 6 7000 1 0.089 0.080 0.035 0.620 0.558 0.248 tpsa335*006#2100 a 3.3 6.3 0.5 6 2100 1 0.189 0.170 0.076 0.397 0.357 0.159 tpss475*006#4000 s 4.7 6.3 0.5 6 4000 1 0.127 0.115 0.051 0.510 0.459 0.204 tpsa685*006#1800 a 6.8 6.3 0.5 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 tpsa106*006#1500 a 10 6.3 0.6 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 tpsb106*006#1500 b 10 6.3 0.6 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 tpsr106*006#1000 r 10 6.3 0.6 8 1000 1 0.235 0.211 0.094 0.235 0.211 0.094 tpsr106*006#1500 r 10 6.3 0.6 8 1500 1 0.191 0.172 0.077 0.287 0.259 0.115 tpsr106*006#3000 r 10 6.3 0.6 8 3000 1 0.135 0.122 0.054 0.406 0.366 0.162 tpst106*006#1000 t 10 6.3 0.6 6 1000 1 0.283 0.255 0.113 0.283 0.255 0.113 tpsa156*006#0700 a 15 6.3 0.9 6 700 1 0.327 0.295 0.131 0.229 0.206 0.092 tpsa156*006#1500 a 15 6.3 0.9 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 tpsa226*006#0500 a 22 6.3 1.4 6 500 1 0.387 0.349 0.155 0.194 0.174 0.077 tpsa226*006#0900 a 22 6.3 1.4 6 900 1 0.289 0.260 0.115 0.260 0.234 0.104 tpsb226*006#0375 b 22 6.3 1.4 6 375 1 0.476 0.428 0.190 0.179 0.161 0.071 tpsb226*006#0600 b 22 6.3 1.4 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsc226*006#0500 c 22 6.3 1.4 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 tpss226*006#0900 s 22 6.3 1.3 10 900 1 0.269 0.242 0.107 0.242 0.218 0.097 tpsa336*006#0600 a 33 6.3 2.1 8 600 1 0.354 0.318 0.141 0.212 0.191 0.085 tpsb336*006#0250 b 33 6.3 2.1 6 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb336*006#0350 b 33 6.3 2.1 6 350 1 0.493 0.444 0.197 0.172 0.155 0.069 tpsb336*006#0450 b 33 6.3 2.1 6 450 1 0.435 0.391 0.174 0.196 0.176 0.078 tpsb336*006#0600 b 33 6.3 2.1 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpst336*006#0800 t 33 6.3 2.1 10 800 1 0.316 0.285 0.126 0.253 0.228 0.101 tpsa476*006#0800 a 47 6.3 2.8 10 800 1 0.306 0.276 0.122 0.245 0.220 0.098 tpsb476*006#0250 b 47 6.3 3 6 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb476*006#0350 b 47 6.3 3 6 350 1 0.493 0.444 0.197 0.172 0.155 0.069 tpsb476*006#0500 b 47 6.3 3 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsc476*006#0300 c 47 6.3 3 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpst476*006#1200 t 47 6.3 2.8 10 1200 1 0.258 0.232 0.103 0.310 0.279 0.124 tpsb686*006#0250 b 68 6.3 4 8 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb686*006#0350 b 68 6.3 4 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 tpsb686*006#0500 b 68 6.3 4 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsc686*006#0150 c 68 6.3 4.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc686*006#0200 c 68 6.3 4.3 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsw686*006#0110 w 68 6.3 4.3 6 110 1 0.905 0.814 0.362 0.099 0.090 0.040 tpsw686*006#0125 w 68 6.3 4.3 6 125 1 0.849 0.764 0.339 0.106 0.095 0.042 tpsw686*006#0250 w 68 6.3 4.3 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 tpsb107*006#0250 b 100 6.3 6.3 10 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb107*006#0400 b 100 6.3 6.3 10 400 1 0.461 0.415 0.184 0.184 0.166 0.074 tpsc107*006#0075 c 100 6.3 6.3 6 75 1 1.211 1.090 0.484 0.091 0.082 0.036 tpsc107*006#0150 c 100 6.3 6.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsd107*006#0300 d 100 6.3 6.3 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsw107*006#0100 w 100 6.3 6.3 6 100 1 0.949 0.854 0.379 0.095 0.085 0.038 tpsw107*006#0150 w 100 6.3 6.3 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 tpsy107*006#0100 y 100 6.3 6.3 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsc157*006#0050 c 150 6.3 9.5 6 50 1 1.483 1.335 0.593 0.074 0.067 0.030 tpsc157*006#0090 c 150 6.3 9.5 6 90 1 1.106 0.995 0.442 0.099 0.090 0.040 tpsc157*006#0150 c 150 6.3 9.5 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc157*006#0200 c 150 6.3 9.5 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsc157*006#0250 c 150 6.3 9.5 6 250 1 0.663 0.597 0.265 0.166 0.149 0.066 tpsd157*006#0050 d 150 6.3 9.5 6 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd157*006#0125 d 150 6.3 9.5 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsy157*006#0040 y 150 6.3 9.5 6 40 1 1) 1.768 1.591 0.707 0.071 0.064 0.028 tpsy157*006#0050 y 150 6.3 9.5 6 50 1 1) 1.581 1.423 0.632 0.079 0.071 0.032 tpsc227*006#0070 c 220 6.3 13.9 8 70 1 1.254 1.128 0.501 0.088 0.079 0.035 tpsc227*006#0100 c 220 6.3 13.9 8 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsc227*006#0125 c 220 6.3 13.9 8 125 1 0.938 0.844 0.375 0.117 0.106 0.047 tpsc227*006#0250 c 220 6.3 13.9 8 250 1 0.663 0.597 0.265 0.166 0.149 0.066 tpsd227*006#0050 d 220 6.3 13.9 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd227*006#0100 d 220 6.3 13.9 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd227*006#0125 d 220 6.3 13.9 8 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpse227*006#0100 e 220 6.3 13.9 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsf227*006#0200 f 220 6.3 13.2 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 tpsy227*006#0100 y 220 6.3 13.9 8 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy227*006#0150 y 220 6.3 13.9 8 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
january 2014 55 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsc337*006#0080 c 330 6.3 19.8 12 80 1 1.173 1.055 0.469 0.094 0.084 0.038 tpsc337*006#0100 c 330 6.3 19.8 12 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsd337*006#0045 d 330 6.3 20.8 8 45 1 1.826 1.643 0.730 0.082 0.074 0.033 tpsd337*006#0050 d 330 6.3 20.8 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd337*006#0070 d 330 6.3 20.8 8 70 1 1.464 1.317 0.586 0.102 0.092 0.041 tpsd337*006#0100 d 330 6.3 20.8 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpse337*006#0050 e 330 6.3 20.8 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpse337*006#0100 e 330 6.3 20.8 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse337*006#0125 e 330 6.3 20.8 8 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse337*006#0150 e 330 6.3 20.8 8 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpsv337*006#0100 v 330 6.3 20.8 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 tpsy337*006#0100 y 330 6.3 20.8 12 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy337*006#0150 y 330 6.3 20.8 12 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpsd477*006#0045 d 470 6.3 28 12 45 1 1.826 1.643 0.730 0.082 0.074 0.033 tpsd477*006#0060 d 470 6.3 28 12 60 1 1.581 1.423 0.632 0.095 0.085 0.038 tpsd477*006#0100 d 470 6.3 28 12 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd477*006#0200 d 470 6.3 28 12 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpse477*006#0045 e 470 6.3 28 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 tpse477*006#0050 e 470 6.3 28 10 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpse477*006#0060 e 470 6.3 28 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpse477*006#0100 e 470 6.3 28 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse477*006#0200 e 470 6.3 28 10 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpsv477*006#0040 v 470 6.3 28 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 tpsv477*006#0055 v 470 6.3 28 10 55 1 1) 2.132 1.919 0.853 0.117 0.106 0.047 tpsv477*006#0100 v 470 6.3 28 10 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 tpsy477*006#0150 y 470 6.3 28.2 20 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpse687*006#0045 e 680 6.3 42.8 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 tpse687*006#0060 e 680 6.3 42.8 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpse687*006#0100 e 680 6.3 42.8 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsv687*006#0035 v 680 6.3 42.8 14 35 1 1) 2.673 2.405 1.069 0.094 0.084 0.037 tpsv687*006#0040 v 680 6.3 42.8 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 tpsv687*006#0050 v 680 6.3 42.8 10 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 tpse108m 006#0100 e 1000 6.3 60 20 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsv108m 006#0040 v 1000 6.3 60 16 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 tpsv108m 006#0050 v 1000 6.3 60 16 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 10 volt @ 85oc (7 volt @ 125oc) tpsr105*010#9000 r 1 10 0.5 4 9000 1 0.078 0.070 0.031 0.704 0.633 0.281 tpsa225*010#1800 a 2.2 10 0.5 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 tpst335*010#1500 t 3.3 10 0.5 6 1500 1 0.231 0.208 0.092 0.346 0.312 0.139 tpsa475*010#1400 a 4.7 10 0.5 6 1400 1 0.231 0.208 0.093 0.324 0.292 0.130 tpsb475*010#1400 b 4.7 10 0.5 6 1400 1 0.246 0.222 0.099 0.345 0.310 0.138 tpsr475*010#3000 r 4.7 10 0.5 6 3000 1 0.135 0.122 0.054 0.406 0.366 0.162 tpsr475*010#5000 r 4.7 10 0.5 6 5000 1 0.105 0.094 0.042 0.524 0.472 0.210 tpsa685*010#1800 a 6.8 10 0.7 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 tpsb685*010#1300 b 6.8 10 0.7 6 1300 1 0.256 0.230 0.102 0.332 0.299 0.133 tpst685*010#1800 t 6.8 10 0.7 6 1800 1 0.211 0.190 0.084 0.379 0.342 0.152 tpsa106*010#0900 a 10 10 1 6 900 1 0.289 0.260 0.115 0.260 0.234 0.104 tpsa106*010#1800 a 10 10 1 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 tpsb106*010#1000 b 10 10 1 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 tpsp106m 010#2000 p 10 10 1 8 2000 1 0.173 0.156 0.069 0.346 0.312 0.139 tpss106*010#0900 s 10 10 1 8 900 1 0.269 0.242 0.107 0.242 0.218 0.097 tpst106*010#1000 t 10 10 1 6 1000 1 0.283 0.255 0.113 0.283 0.255 0.113 tpst106*010#2000 t 10 10 1 6 2000 1 0.200 0.180 0.080 0.400 0.360 0.160 tpsa156*010#1000 a 15 10 1.5 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 tpsb156*010#0450 b 15 10 1.5 6 450 1 0.435 0.391 0.174 0.196 0.176 0.078 tpsb156*010#0600 b 15 10 1.5 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsc156*010#0700 c 15 10 1.5 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 tpst156*010#1200 t 15 10 1.5 8 1200 1 0.258 0.232 0.103 0.310 0.279 0.124 tpsa226*010#0900 a 22 10 2.2 8 900 1 0.289 0.260 0.115 0.260 0.234 0.104 tpsb226*010#0400 b 22 10 2.2 6 400 1 0.461 0.415 0.184 0.184 0.166 0.074 tpsb226*010#0500 b 22 10 2.2 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsb226*010#0700 b 22 10 2.2 6 700 1 0.348 0.314 0.139 0.244 0.220 0.098 tpsc226*010#0300 c 22 10 2.2 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpst226*010#0800 t 22 10 2.2 8 800 1 0.316 0.285 0.126 0.253 0.228 0.101 tpsa336*010#0700 a 33 10 3.3 8 700 1 0.327 0.295 0.131 0.229 0.206 0.092 tpsb336*010#0250 b 33 10 3.3 6 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb336*010#0425 b 33 10 3.3 6 425 1 0.447 0.402 0.179 0.190 0.171 0.076 tpsb336*010#0500 b 33 10 3.3 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsb336*010#0650 b 33 10 3.3 6 650 1 0.362 0.325 0.145 0.235 0.212 0.094 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
56 january 2014 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsc336*010#0150 c 33 10 3.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc336*010#0375 c 33 10 3.3 6 375 1 0.542 0.487 0.217 0.203 0.183 0.081 tpsc336*010#0500 c 33 10 3.3 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 tpsw336*010#0350 w 33 10 3.3 6 350 1 0.507 0.456 0.203 0.177 0.160 0.071 tpsb476*010#0250 b 47 10 4.7 8 250 1 0.583 0.525 0.233 0.146 0.131 0.058 tpsb476*010#0350 b 47 10 4.7 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 tpsb476*010#0500 b 47 10 4.7 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsb476*010#0650 b 47 10 4.7 8 650 1 0.362 0.325 0.145 0.235 0.212 0.094 tpsc476*010#0200 c 47 10 4.7 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsc476*010#0350 c 47 10 4.7 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 tpsd476*010#0100 d 47 10 4.7 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd476*010#0300 d 47 10 4.7 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsw476*010#0125 w 47 10 4.7 6 125 1 0.849 0.764 0.339 0.106 0.095 0.042 tpsw476*010#0150 w 47 10 4.7 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 tpsw476*010#0250 w 47 10 4.7 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 tpsb686*010#0600 b 68 10 6.8 8 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsc686*010#0080 c 68 10 6.8 6 80 1 1.173 1.055 0.469 0.094 0.084 0.038 tpsc686*010#0100 c 68 10 6.8 6 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsc686*010#0200 c 68 10 6.8 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsc686*010#0300 c 68 10 6.8 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpsd686*010#0100 d 68 10 6.8 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd686*010#0150 d 68 10 6.8 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpsy686*010#0100 y 68 10 6.8 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy686*010#0200 y 68 10 6.8 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsw686*010#0100 w 68 10 6.8 6 100 1 0.949 0.854 0.379 0.095 0.085 0.038 tpsw686*010#0150 w 68 10 6.8 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 tpsb107m 010#0400 b 100 10 10 8 400 1 0.461 0.415 0.184 0.184 0.166 0.074 tpsc107*010#0075 c 100 10 10 8 75 1 1.211 1.090 0.484 0.091 0.082 0.036 tpsc107*010#0100 c 100 10 10 8 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsc107*010#0150 c 100 10 10 8 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc107*010#0200 c 100 10 10 8 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsd107*010#0050 d 100 10 10 6 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd107*010#0065 d 100 10 10 6 65 1 1.519 1.367 0.608 0.099 0.089 0.039 tpsd107*010#0080 d 100 10 10 6 80 1 1.369 1.232 0.548 0.110 0.099 0.044 tpsd107*010#0100 d 100 10 10 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd107*010#0125 d 100 10 10 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsd107*010#0150 d 100 10 10 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpse107*010#0125 e 100 10 10 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpsw107*010#0150 w 100 10 10 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 tpsx107*010#0085 x 100 10 10 8 85 1 1) 1.085 0.976 0.434 0.092 0.083 0.037 tpsx107*010#0150 x 100 10 10 8 150 1 1) 0.816 0.735 0.327 0.122 0.110 0.049 tpsx107*010#0200 x 100 10 10 8 200 1 1) 0.707 0.636 0.283 0.141 0.127 0.057 tpsy107*010#0100 y 100 10 10 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy107*010#0150 y 100 10 10 6 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpsy107*010#0200 y 100 10 10 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsc157*010#0150 c 150 10 15 8 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsd157*010#0050 d 150 10 15 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd157*010#0085 d 150 10 15 8 85 1 1.328 1.196 0.531 0.113 0.102 0.045 tpsd157*010#0100 d 150 10 15 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpse157*010#0100 e 150 10 15 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsf157*010#0200 f 150 10 15 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 tpsx157m 010#0100 x 150 10 15 6 100 1 1) 1.000 0.900 0.400 0.100 0.090 0.040 tpsy157*010#0100 y 150 10 15 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy157*010#0150 y 150 10 15 6 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpsy157*010#0200 y 150 10 15 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsd227*010#0050 d 220 10 22 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 tpsd227*010#0100 d 220 10 22 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd227*010#0150 d 220 10 22 8 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpse227*010#0050 e 220 10 22 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpse227*010#0060 e 220 10 22 8 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpse227*010#0070 e 220 10 22 8 70 1 1) 1.535 1.382 0.614 0.107 0.097 0.043 tpse227*010#0100 e 220 10 22 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse227*010#0125 e 220 10 22 8 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse227*010#0150 e 220 10 22 8 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpsy227*010#0100 y 220 10 22 10 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy227*010#0150 y 220 10 22 10 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpsy227*010#0200 y 220 10 22 10 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsd337*010#0050 d 330 10 33 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
january 2014 57 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsd337*010#0065 d 330 10 33 8 65 1 1.519 1.367 0.608 0.099 0.089 0.039 tpsd337*010#0100 d 330 10 33 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd337*010#0150 d 330 10 33 8 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpse337*010#0040 e 330 10 33 8 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 tpse337*010#0050 e 330 10 33 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpse337*010#0060 e 330 10 33 8 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpse337*010#0100 e 330 10 33 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsv337*010#0040 v 330 10 33 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 tpsv337*010#0060 v 330 10 33 10 60 1 1) 2.041 1.837 0.816 0.122 0.110 0.049 tpsv337*010#0100 v 330 10 33 10 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 tpse477*010#0045 e 470 10 47 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 tpse477*010#0050 e 470 10 47 10 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 tpse477*010#0060 e 470 10 47 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 tpse477*010#0100 e 470 10 47 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse477*010#0200 e 470 10 47 10 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpsv477*010#0040 v 470 10 47 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 tpsv477*010#0060 v 470 10 47 10 60 1 1) 2.041 1.837 0.816 0.122 0.110 0.049 tpsv477*010#0100 v 470 10 47 10 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 16 volt @ 85oc (10 volt @ 125oc) tpsa105*016#6200 a 1 16 0.5 4 6200 1 0.110 0.099 0.044 0.682 0.614 0.273 tpsa225*016#1800 a 2.2 16 0.5 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 tpsa225*016#3500 a 2.2 16 0.5 6 3500 1 0.146 0.132 0.059 0.512 0.461 0.205 tpst225*016#2000 t 2.2 16 0.5 6 2000 1 0.200 0.180 0.080 0.400 0.360 0.160 tpsa335*016#3500 a 3.3 16 0.5 6 3500 1 0.146 0.132 0.059 0.512 0.461 0.205 tpsb335*016#2500 b 3.3 16 0.5 6 2500 1 0.184 0.166 0.074 0.461 0.415 0.184 tpsa475*016#2000 a 4.7 16 0.8 6 2000 1 0.194 0.174 0.077 0.387 0.349 0.155 tpsb475*016#0800 b 4.7 16 0.8 6 800 1 0.326 0.293 0.130 0.261 0.235 0.104 tpsb475*016#1500 b 4.7 16 0.8 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 tpsa685*016#1500 a 6.8 16 1.1 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 tpsb685*016#0600 b 6.8 16 1.1 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsb685*016#1200 b 6.8 16 1.1 6 1200 1 0.266 0.240 0.106 0.319 0.287 0.128 tpsa106*016#1000 a 10 16 1.6 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 tpsb106*016#0500 b 10 16 1.6 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsb106*016#0800 b 10 16 1.6 6 800 1 0.326 0.293 0.130 0.261 0.235 0.104 tpsc106*016#0500 c 10 16 1.6 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 tpst106*016#0800 t 10 16 1.6 8 800 1 0.316 0.285 0.126 0.253 0.228 0.101 tpst106*016#1000 t 10 16 1.6 8 1000 1 0.283 0.255 0.113 0.283 0.255 0.113 tpsw106*016#0500 w 10 16 1.6 6 500 1 0.424 0.382 0.170 0.212 0.191 0.085 tpsw106*016#0600 w 10 16 1.6 6 600 1 0.387 0.349 0.155 0.232 0.209 0.093 tpsb156*016#0500 b 15 16 2.4 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsb156*016#0800 b 15 16 2.4 6 800 1 0.326 0.293 0.130 0.261 0.235 0.104 tpsc156*016#0700 c 15 16 2.4 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 tpsb226*016#0400 b 22 16 3.5 6 400 1 0.461 0.415 0.184 0.184 0.166 0.074 tpsb226*016#0600 b 22 16 3.5 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsc226*016#0150 c 22 16 3.5 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc226*016#0250 c 22 16 3.5 6 250 1 0.663 0.597 0.265 0.166 0.149 0.066 tpsc226*016#0300 c 22 16 3.5 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpsc226*016#0375 c 22 16 3.5 6 375 1 0.542 0.487 0.217 0.203 0.183 0.081 tpsd226*016#0700 d 22 16 3.5 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 tpsw226*016#0500 w 22 16 3.5 6 500 1 0.424 0.382 0.170 0.212 0.191 0.085 tpsb336*016#0350 b 33 16 5.3 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 tpsb336*016#0500 b 33 16 5.3 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsc336*016#0100 c 33 16 5.3 6 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsc336*016#0150 c 33 16 5.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc336*016#0225 c 33 16 5.3 6 225 1 0.699 0.629 0.280 0.157 0.142 0.063 tpsc336*016#0300 c 33 16 5.3 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpsd336*016#0200 d 33 16 5.3 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsw336*016#0140 w 33 16 5.3 6 140 1 0.802 0.722 0.321 0.112 0.101 0.045 tpsw336*016#0175 w 33 16 5.3 6 175 1 0.717 0.645 0.287 0.125 0.113 0.050 tpsw336*016#0250 w 33 16 5.3 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 tpsw336*016#0400 w 33 16 5.3 6 400 1 0.474 0.427 0.190 0.190 0.171 0.076 tpsw336*016#0500 w 33 16 5.3 6 500 1 0.424 0.382 0.170 0.212 0.191 0.085 tpsy336*016#0300 y 33 16 5.3 6 300 1 1) 0.645 0.581 0.258 0.194 0.174 0.077 tpsy336*016#0400 y 33 16 5.3 6 400 1 1) 0.559 0.503 0.224 0.224 0.201 0.089 tpsc476*016#0110 c 47 16 7.5 6 110 1 1.000 0.900 0.400 0.110 0.099 0.044 tpsc476*016#0350 c 47 16 7.5 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 tpsd476*016#0080 d 47 16 7.5 6 80 1 1.369 1.232 0.548 0.110 0.099 0.044 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
58 january 2014 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsd476*016#0100 d 47 16 7.5 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd476*016#0150 d 47 16 7.5 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpsd476*016#0200 d 47 16 7.5 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsw476*016#0200 w 47 16 7.5 6 200 1 0.671 0.604 0.268 0.134 0.121 0.054 tpsx476*016#0180 x 47 16 7.5 6 180 1 1) 0.745 0.671 0.298 0.134 0.121 0.054 tpsy476*016#0250 y 47 16 7.5 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 tpsc686*016#0125 c 68 16 10.9 6 125 1 0.938 0.844 0.375 0.117 0.106 0.047 tpsc686*016#0200 c 68 16 10.9 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsd686*016#0070 d 68 16 10.9 6 70 1 1.464 1.317 0.586 0.102 0.092 0.041 tpsd686*016#0100 d 68 16 10.9 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd686*016#0150 d 68 16 10.9 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpsf686*016#0200 f 68 16 10.9 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 tpsx686*016#0150 x 68 16 10.9 8 150 1 1) 0.816 0.735 0.327 0.122 0.110 0.049 tpsy686*016#0150 y 68 16 10.9 6 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpsy686*016#0200 y 68 16 10.9 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsy686*016#0250 y 68 16 10.9 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 tpsc107*016#0200 c 100 16 16 8 200 1 0.742 0.667 0.297 0.148 0.133 0.059 tpsd107*016#0060 d 100 16 16 6 60 1 1.581 1.423 0.632 0.095 0.085 0.038 tpsd107*016#0100 d 100 16 16 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd107*016#0125 d 100 16 16 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsd107*016#0150 d 100 16 16 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpse107*016#0055 e 100 16 16 6 55 1 1) 1.732 1.559 0.693 0.095 0.086 0.038 tpse107*016#0100 e 100 16 16 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse107*016#0125 e 100 16 16 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse107*016#0150 e 100 16 16 6 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpsf107m 016#0150 f 100 16 16 10 150 1 0.816 0.735 0.327 0.122 0.110 0.049 tpsf107m 016#0200 f 100 16 16 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 tpsy107*016#0100 y 100 16 16 8 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 tpsy107*016#0150 y 100 16 16 8 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 tpsy107*016#0200 y 100 16 16 8 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsd157*016#0060 d 150 16 24 6 60 1 1.581 1.423 0.632 0.095 0.085 0.038 tpsd157*016#0085 d 150 16 24 6 85 1 1.328 1.196 0.531 0.113 0.102 0.045 tpsd157*016#0100 d 150 16 24 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd157*016#0125 d 150 16 24 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsd157*016#0150 d 150 16 24 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpse157*016#0100 e 150 16 23 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpsv157*016#0045 v 150 16 24 8 45 1 1) 2.357 2.121 0.943 0.106 0.095 0.042 tpsv157*016#0075 v 150 16 24 8 75 1 1) 1.826 1.643 0.730 0.137 0.123 0.055 tpsy157m 016#0200 y 150 16 24 15 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpse227*016#0100 e 220 16 35.2 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse227*016#0150 e 220 16 35.2 10 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpsv227*016#0050 v 220 16 35.2 8 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 tpsv227*016#0075 v 220 16 35.2 8 75 1 1) 1.826 1.643 0.730 0.137 0.123 0.055 tpsv227*016#0100 v 220 16 35.2 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 tpsv227*016#0150 v 220 16 35.2 8 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 tpse337m 016#0200 e 330 16 52.8 30 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 20 volt @ 85oc (13 volt @ 125oc) tpsa105*020#3000 a 1 20 0.5 4 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 tpsr105*020#6000 r 1 20 0.5 4 6000 1 0.096 0.086 0.038 0.574 0.517 0.230 tpss105*020#6000 s 1 20 0.5 4 6000 1 0.104 0.094 0.042 0.624 0.562 0.250 tpst105*020#2000 t 1 20 0.5 4 2000 1 0.200 0.180 0.080 0.400 0.360 0.160 tpsa155*020#3000 a 1.5 20 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 tpsa225*020#3000 a 2.2 20 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 tpsb225*020#1700 b 2.2 20 0.5 6 1700 1 0.224 0.201 0.089 0.380 0.342 0.152 tpsa335*020#2500 a 3.3 20 0.7 6 2500 1 0.173 0.156 0.069 0.433 0.390 0.173 tpsb335*020#1300 b 3.3 20 0.7 6 1300 1 0.256 0.230 0.102 0.332 0.299 0.133 tpsa475*020#1800 a 4.7 20 0.9 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 tpsb475*020#0750 b 4.7 20 0.9 6 750 1 0.337 0.303 0.135 0.252 0.227 0.101 tpsb475*020#1000 b 4.7 20 0.9 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 tpsa685*020#1000 a 6.8 20 1.4 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 tpsb685*020#0600 b 6.8 20 1.4 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsb685*020#1000 b 6.8 20 1.4 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 tpsc685*020#0700 c 6.8 20 1.4 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 tpsb106*020#0500 b 10 20 2 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsb106*020#1000 b 10 20 2 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 tpsc106*020#0500 c 10 20 2 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 tpsc106*020#0700 c 10 20 2 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
january 2014 59 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsw106*020#0250 w 10 20 2 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 tpsw106*020#0500 w 10 20 2 6 500 1 0.424 0.382 0.170 0.212 0.191 0.850 tpsb156*020#0500 b 15 20 3 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 tpsc156*020#0400 c 15 20 3 6 400 1 0.524 0.472 0.210 0.210 0.189 0.084 tpsc156*020#0450 c 15 20 3 6 450 1 0.494 0.445 0.198 0.222 0.200 0.089 tpsb226*020#0400 b 22 20 4.4 6 400 1 0.461 0.415 0.184 0.184 0.166 0.074 tpsb226*020#0600 b 22 20 4.4 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 tpsc226*020#0100 c 22 20 4.4 6 100 1 1.049 0.944 0.420 0.105 0.094 0.042 tpsc226*020#0150 c 22 20 4.4 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 tpsc226*020#0400 c 22 20 4.4 6 400 1 0.524 0.472 0.210 0.210 0.189 0.084 tpsd226*020#0200 d 22 20 4.4 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd226*020#0300 d 22 20 4.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsc336*020#0300 c 33 20 6.6 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpsd336*020#0100 d 33 20 6.6 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd336*020#0200 d 33 20 6.6 6 200 1 0.866 0.779 0.346 0.173 0.155 0.069 tpsd476*020#0075 d 47 20 9.4 6 75 1 1.414 1.273 0.566 0.106 0.095 0.042 tpsd476*020#0100 d 47 20 9.4 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd476*020#0200 d 47 20 9.4 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpse476*020#0070 e 47 20 9.4 6 70 1 1) 1.535 1.382 0.614 0.107 0.097 0.043 tpse476*020#0125 e 47 20 9.4 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse476*020#0150 e 47 20 9.4 6 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpse476*020#0200 e 47 20 9.4 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpse476*020#0250 e 47 20 9.4 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 tpsx476*020#0200 x 47 20 9.4 6 200 1 1) 0.707 0.636 0.283 0.141 0.127 0.057 tpsd686*020#0070 d 68 20 13.6 6 70 1 1.464 1.317 0.586 0.102 0.092 0.041 tpsd686*020#0150 d 68 20 13.6 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpsd686*020#0200 d 68 20 13.6 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd686*020#0300 d 68 20 13.6 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpse686*020#0125 e 68 20 13.6 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse686*020#0150 e 68 20 13.6 6 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpse686*020#0200 e 68 20 13.6 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpsy686*020#0200 y 68 20 13.6 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsd107*020#0085 d 100 20 20 6 85 1 1.328 1.196 0.531 0.113 0.102 0.045 tpsd107*020#0100 d 100 20 20 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd107*020#0150 d 100 20 20 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpse107*020#0100 e 100 20 20 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse107*020#0150 e 100 20 20 6 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpse107*020#0200 e 100 20 20 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpsv107*020#0060 v 100 20 20 8 60 1 1) 2.041 1.837 0.816 0.122 0.110 0.049 tpsv107*020#0085 v 100 20 20 8 85 1 1) 1.715 1.543 0.686 0.146 0.131 0.058 tpsv107*020#0100 v 100 20 20 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 tpsv107*020#0200 v 100 20 20 8 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 tpsv157*020#0080 v 150 20 30 8 80 1 1) 1.768 1.591 0.707 0.141 0.127 0.057 25 volt @ 85oc (17 volt @ 125oc) tpsa474*025#7000 a 0.47 25 0.5 4 7000 1 0.104 0.093 0.041 0.725 0.652 0.290 tpsa684*025#6000 a 0.68 25 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 tpsa105*025#4000 a 1 25 0.5 4 4000 1 0.137 0.123 0.055 0.548 0.493 0.219 tpsr105*025#2500 r 1 25 0.5 4 2500 1 0.148 0.133 0.059 0.371 0.334 0.148 tpsr105*025#4000 r 1 25 0.5 4 4000 1 0.117 0.106 0.047 0.469 0.422 0.188 tpsa155*025#3000 a 1.5 25 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 tpsb155*025#1800 b 1.5 25 0.5 6 1800 1 0.217 0.196 0.087 0.391 0.352 0.156 tpsa225*025#2500 a 2.2 25 0.6 6 2500 1 0.173 0.156 0.069 0.433 0.390 0.173 tpsb225*025#0900 b 2.2 25 0.6 6 900 1 0.307 0.277 0.123 0.277 0.249 0.111 tpsb225*025#1200 b 2.2 25 0.6 6 1200 1 0.266 0.240 0.106 0.319 0.287 0.128 tpsb225*025#2500 b 2.2 25 0.6 6 2500 1 0.184 0.166 0.074 0.461 0.415 0.184 tpsa335*025#1000 a 3.3 25 0.8 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 tpsa335*025#1500 a 3.3 25 0.8 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 tpsb335*025#0750 b 3.3 25 0.8 6 750 1 0.337 0.303 0.135 0.252 0.227 0.101 tpsb335*025#1500 b 3.3 25 0.8 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 tpsb335*025#2000 b 3.3 25 0.8 6 2000 1 0.206 0.186 0.082 0.412 0.371 0.165 tpsb475*025#0700 b 4.7 25 1.2 6 700 1 0.348 0.314 0.139 0.244 0.220 0.098 tpsb475*025#0900 b 4.7 25 1.2 6 900 1 0.307 0.277 0.123 0.277 0.249 0.111 tpsb475*025#1500 b 4.7 25 1.2 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 tpsc475*025#0700 c 4.7 25 1.2 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 tpsb685*025#0700 b 6.8 25 1.7 6 700 1 0.348 0.314 0.139 0.244 0.220 0.098 tpsc685*025#0500 c 6.8 25 1.7 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 tpsc685*025#0600 c 6.8 25 1.7 6 600 1 0.428 0.385 0.171 0.257 0.231 0.103 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
60 january 2014 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsc685*025#0700 c 6.8 25 1.7 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 tpsb106*025#1800 b 10 25 2.5 6 1800 1 0.217 0.196 0.087 0.391 0.352 0.156 tpsc106*025#0300 c 10 25 2.5 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpsc106*025#0500 c 10 25 2.5 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 tpsd106*025#0500 d 10 25 2.5 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 tpsc156*025#0220 c 15 25 3.8 6 220 1 0.707 0.636 0.283 0.156 0.140 0.062 tpsc156*025#0300 c 15 25 3.8 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 tpsd156*025#0100 d 15 25 3.8 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd156*025#0300 d 15 25 3.8 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsc226*025#0275 c 22 25 5.5 6 275 1 0.632 0.569 0.253 0.174 0.157 0.070 tpsc226*025#0400 c 22 25 5.5 6 400 1 0.524 0.472 0.210 0.210 0.189 0.084 tpsd226*025#0100 d 22 25 5.5 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd226*025#0200 d 22 25 5.5 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd226*025#0300 d 22 25 5.5 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsd336*025#0100 d 33 25 8.3 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd336*025#0200 d 33 25 8.3 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd336*025#0300 d 33 25 8.3 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpse336*025#0100 e 33 25 8.3 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse336*025#0175 e 33 25 8.3 6 175 1 1) 0.971 0.874 0.388 0.170 0.153 0.068 tpse336*025#0200 e 33 25 8.3 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpse336*025#0300 e 33 25 8.3 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 tpsy336*025#0200 y 33 25 8.3 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsd476*025#0125 d 47 25 11.8 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsd476*025#0150 d 47 25 11.8 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpsd476*025#0250 d 47 25 11.8 6 250 1 0.775 0.697 0.310 0.194 0.174 0.077 tpse476*025#0080 e 47 25 11.8 6 80 1 1) 1.436 1.293 0.574 0.115 0.103 0.046 tpse476*025#0100 e 47 25 11.8 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse476*025#0125 e 47 25 11.8 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpsy476*025#0250 y 47 25 11.8 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 tpse686*025#0125 e 68 25 17 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse686*025#0200 e 68 25 17 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpsv686*025#0080 v 68 25 17 6 80 1 1) 1.768 1.591 0.707 0.141 0.127 0.057 tpsv686*025#0095 v 68 25 17 6 95 1 1) 1.622 1.460 0.649 0.154 0.139 0.062 tpsv686*025#0150 v 68 25 17 6 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 tpsv686*025#0200 v 68 25 17 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 tpse107m 025#0150 e 100 25 25 10 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 tpsv107*025#0100 v 100 25 25 8 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 tpsv157m 025#0150 v 150 25 37.5 10 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 35 volt @ 85oc (23 volt @ 125oc) tpsa224*035#6000 a 0.22 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 tpsa334*035#6000 a 0.33 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 tpsa474*035#6000 a 0.47 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 tpsb474*035#4000 b 0.47 35 0.5 4 4000 1 0.146 0.131 0.058 0.583 0.525 0.233 tpsa684*035#6000 a 0.68 35 0.5 4 6000 1 0.112 0.101 0.045 0.671 0.604 0.268 tpsa105*035#3000 a 1 35 0.5 4 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 tpsb105*035#2000 b 1 35 0.5 4 2000 1 0.206 0.186 0.082 0.412 0.371 0.165 tpsa155*035#3000 a 1.5 35 0.5 6 3000 1 0.158 0.142 0.063 0.474 0.427 0.190 tpsb155*035#2500 b 1.5 35 0.5 6 2500 1 0.184 0.166 0.074 0.461 0.415 0.184 tpsa225*035#1500 a 2.2 35 0.8 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 tpsb225*035#0750 b 2.2 35 0.8 6 750 1 0.337 0.303 0.135 0.252 0.227 0.101 tpsb225*035#1500 b 2.2 35 0.8 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 tpsb225*035#2000 b 2.2 35 0.8 6 2000 1 0.206 0.186 0.082 0.412 0.371 0.165 tpsc225*035#1000 c 2.2 35 0.8 6 1000 1 0.332 0.298 0.133 0.332 0.298 0.133 tpsb335*035#1000 b 3.3 35 1.2 6 1000 1 0.292 0.262 0.117 0.292 0.262 0.117 tpsc335*035#0700 c 3.3 35 1.2 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 tpsb475*035#0700 b 4.7 35 1.6 6 700 1 0.348 0.314 0.139 0.244 0.220 0.098 tpsb475*035#1500 b 4.7 35 1.6 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 tpsc475*035#0600 c 4.7 35 1.6 6 600 1 0.428 0.385 0.171 0.257 0.231 0.103 tpsd475*035#0700 d 4.7 35 1.6 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 tpsc685*035#0350 c 6.8 35 2.4 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 tpsd685*035#0150 d 6.8 35 2.4 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 tpsd685*035#0400 d 6.8 35 2.4 6 400 1 0.612 0.551 0.245 0.245 0.220 0.098 tpsd685*035#0500 d 6.8 35 2.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 tpsc106*035#0600 c 10 35 3.5 6 600 1 0.428 0.385 0.171 0.257 0.231 0.103 tpsd106*035#0125 d 10 35 3.5 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsd106*035#0300 d 10 35 3.5 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpse106*035#0200 e 10 35 3.5 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
january 2014 61 tps series low esr ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc tpsy106*035#0250 y 10 35 3.5 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 tpsc156*035#0350 c 15 35 5.3 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 tpsc156*035#0450 c 15 35 5.3 6 450 1 0.494 0.445 0.198 0.222 0.200 0.089 tpsd156*035#0100 d 15 35 5.3 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 tpsd156*035#0300 d 15 35 5.3 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsy156*035#0250 y 15 35 5.3 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 tpsd226*035#0125 d 22 35 7.7 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 tpsd226*035#0200 d 22 35 7.7 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd226*035#0300 d 22 35 7.7 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsd226*035#0400 d 22 35 7.7 6 400 1 0.612 0.551 0.245 0.245 0.220 0.098 tpse226*035#0125 e 22 35 7.7 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 tpse226*035#0200 e 22 35 7.7 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpse226*035#0300 e 22 35 7.7 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 tpsy226*035#0200 y 22 35 7.7 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 tpsd336*035#0200 d 33 35 11.6 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd336*035#0300 d 33 35 11.6 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpse336*035#0100 e 33 35 11.6 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 tpse336*035#0250 e 33 35 11.6 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 tpse336*035#0300 e 33 35 11.6 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 tpsv336*035#0200 v 33 35 11.6 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 tpse476*035#0200 e 47 35 16.5 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 tpse476*035#0250 e 47 35 16.5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 tpsv476*035#0150 v 47 35 16.5 6 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 tpsv476*035#0200 v 47 35 16.5 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 tpsv686*035#0150 v 68 35 23.8 6 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 tpsv686*035#0200 v 68 35 23.8 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 50 volt @ 85oc (33 volt @ 125oc) tpsa154*050#9000 a 0.15 50 0.5 4 9000 1 0.091 0.082 0.037 0.822 0.739 0.329 tpsa224*050#7000 a 0.22 50 0.5 4 7000 1 0.104 0.093 0.041 0.725 0.652 0.290 tpsa334*050#7000 a 0.33 50 0.5 4 7000 1 0.104 0.093 0.041 0.725 0.652 0.290 tpsa474*050#6500 a 0.47 50 0.5 4 6500 1 0.107 0.097 0.043 0.698 0.628 0.279 tpsb474*050#6000 b 0.47 50 0.5 4 6000 1 0.119 0.107 0.048 0.714 0.643 0.286 tpsc474*050#2300 c 0.47 50 0.5 4 2300 1 0.219 0.197 0.087 0.503 0.453 0.201 tpsb684*050#4000 b 0.68 50 0.5 4 4000 1 0.146 0.131 0.058 0.583 0.525 0.233 tpsb105*050#3000 b 1 50 0.5 6 3000 1 0.168 0.151 0.067 0.505 0.454 0.202 tpsc105*050#2500 c 1 50 0.5 4 2500 1 0.210 0.189 0.084 0.524 0.472 0.210 tpsc155*050#1500 c 1.5 50 0.8 6 1500 1 0.271 0.244 0.108 0.406 0.366 0.162 tpsc155*050#2000 c 1.5 50 0.8 6 2000 1 0.235 0.211 0.094 0.469 0.422 0.188 tpsc225*050#1500 c 2.2 50 1.1 8 1500 1 0.271 0.244 0.108 0.406 0.366 0.162 tpsd225*050#1200 d 2.2 50 1.1 6 1200 1 0.354 0.318 0.141 0.424 0.382 0.170 tpsc335*050#1000 c 3.3 50 1.6 6 1000 1 0.332 0.298 0.133 0.332 0.298 0.133 tpsd335*050#0800 d 3.3 50 1.7 6 800 1 0.433 0.390 0.173 0.346 0.312 0.139 tpsc475*050#0800 c 4.7 50 2.4 6 800 1 0.371 0.334 0.148 0.297 0.267 0.119 tpsd475*050#0300 d 4.7 50 2.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsd475*050#0500 d 4.7 50 2.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 tpsd475*050#0700 d 4.7 50 2.4 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 tpsd685*050#0200 d 6.8 50 3.4 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 tpsd685*050#0300 d 6.8 50 3.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 tpsd685*050#0500 d 6.8 50 3.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 tpsd685*050#0600 d 6.8 50 3.4 6 600 1 0.500 0.450 0.200 0.300 0.270 0.120 tpsd106*050#0500 d 10 50 5 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 tpse106*050#0250 e 10 50 5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 tpse106*050#0300 e 10 50 5 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 tpse106*050#0400 e 10 50 5 6 400 1 1) 0.642 0.578 0.257 0.257 0.231 0.103 tpse106*050#0500 e 10 50 5 6 500 1 1) 0.574 0.517 0.230 0.287 0.259 0.115 tpse156*050#0250 e 15 50 7.5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 tpsv156*050#0250 v 15 50 7.5 6 250 1 1) 1.000 0.900 0.400 0.250 0.225 0.100 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


▲Up To Search▲   

 
Price & Availability of TPSY1080020100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X